under development color tft -lcd module for a v/car navigation lq5a w116 (digital still camera/lcd camcorder/lcd tv) features n display size :13 cm [5"] n wide viewing angle : l/r 130 u/d 105 n extended temperature range: n compact structure utilizing acf-cog t opr :-30 c to + 85 c, t stg: -30 c to +85 c technology specifications parameter unit parameter unit display size 13 [5] cm [ "] backlight type 1ccft(e) - no. of pixels*1 74 880 pixel brightness 320 cd/m 2 dot format (h x v) 320 x rgb x 234 dot power consumption panel 5.4 w dot pitch (h x v) 0.1065 x 0.3195 mm & backlight active area (h x v) 102.2 x 74.8 mm outline dimensions (w x h x d) 126.8 x 89.6 x 16.5 mm input signal system ntsc/p al*1 - w eight 185 g input video signal standard analog rgb - operating temperature -30 to +85 c v iewing direction wide viewing angle - storage temperature -30 to +85 c *1...mbk-p al system is adopted as p al. lcd panel has 234 scanning lines but video-signals are d eleted for certain intervals, an d displays a picture of 273 virtual scanning lines. outline dimensions unit : mm 13 best viewing angle (6 o'clock) direction of 16.5 13 active area center gb r g 960hx234v dots datum line 0.2 r 2.2 5 126.8 13 active area 2.2 5 89.2 31.2 42.4 9.5 79.8 (bezel open area) datum line 33 89.6 107.4 (bezel open area) (102.24x74.763)
|